PART |
Description |
Maker |
ISL81483 ISL81483IB ISL81483IP ISL81487IB ISL81487 |
1/8 UNIT LOAD, 5V, LOW POWER, HIGH SPEED OR SLEW RATE LIMITED, RS-485/RS-422 TRANSCEIVERS 1/8 Unit Load/ 5V/ Low Power/ High Speed or Slew Rate Limited/ RS-485/RS-422 Transceivers 7V; 1/8 unit load, 5V, low power, high speed or slew rate limited, RS-485/RS-422 transceiver. For high node count networks, automated utility meter reading systems, factory automation, security networks
|
INTERSIL[Intersil Corporation]
|
ISL81487E ISL81487L |
5kV ESD Protected, 1/8 Unit Load, Half Duplex, 5V, Low Power, High Speed, RS-485/RS-422 Transceivers, With Rx/Tx Enables 5kV ESD Protected, 1/8 Unit Load, Half Duplex, 5V, Low Power, Slew Rate Limited, RS-485/RS-422 Transceivers, With Rx/Tx Enables and Low Power SHDN
|
Intersil
|
MAX3430 MAX3430CPA MAX3430CSA MAX3430EPA MAX3430ES |
/-80 V fault-protected, fail-safe, 1/4-unit load, 3.3 V,RS-485 transceiver 80V Fault-Protected / Fail-Safe / 1/4-Unit Load / #.3V RS-485 Transceiver ±80V Fault-Protected, Fail-Safe, 1/4-Unit Load, 3.3V RS-485 Transceiver 【80V Fault-Protected, Fail-Safe, 1/4-Unit Load, 3.3V RS-485 Transceiver " /-80V Fault-Protected, 3.3 V Single supply, Fail Safe, 1/4-Unit load, RS-485 Tranceiver." 80V Fault-Protected, Fail-Safe, 1/4-Unit Load, #.3V RS-485 Transceiver ±80V Fault-Protected, Fail-Safe, 1/4-Unit Load, 3.3V RS-485 Transceiver ±80V Fault-Protected, Fail-Safe, 1/4-Unit Load, 3.3V RS-485 Transceiver ??0V Fault-Protected, Fail-Safe, 1/4-Unit Load, #.3V RS-485 Transceiver
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] MAXIM INTEGRATED PRODUCTS INC
|
ISL4491EIB-T ISL4489EIB ISL4489EIB-T ISL4489EIBZ I |
15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed, Full Duplex, RS-485/RS-422 Transceivers Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
|
INTERSIL[Intersil Corporation]
|
5962-9222901M3X 5962-9222904M3X 5962-9222901MKX 59 |
9-Bit D-Type Flip-Flop ±80V Fault-Protected, Fail-Safe, 1/4-Unit Load, 3.3V RS-485 Transceiver 8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers 9位D型触发器
|
Littelfuse, Inc.
|
SP1486E SP1486EEN-L SP1486EEN-L_TR SP1486EEN-L/TR |
5V, 20Mbps PROFIBUS RS485/RS422 Transceivers Advanced Failsafe, 1/8th Unit Load, 隆戮15kV ESD-Protected 5V, 20Mbps PROFIBUS RS485/RS422 Transceivers Advanced Failsafe, 1/8th Unit Load, ±15kV ESD-Protected
|
Exar Corporation
|
SP3081EEN-L_TR SP3081EEN-L SP3083EEN-L SP3083EEN-L |
Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, ±15kV ESD-Protected Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 卤15kV ESD-Protected
|
http:// Exar Corporation
|
SP3080EMN-L SP3080EEN-L SP3080E SP3080EMN_TR SP308 |
Advanced-Failsafe RS-485/RS-422 Transceiver 1/8th Unit Load, Slew-Limited, 【15kV ESD-Protected
|
SIPEX[Sipex Corporation]
|
ISL3156EIBZ ISL3156EIUZ ISL3152EIUZ ISL3152EIBZ IS |
±16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
|
Intersil Corporation
|
AQZ202V AQZ204V AQZ205V AQZ207V |
Power photoMOS relay with internal varistor. AC/DC type. Output rating: load voltage 60 V AC, 85 V DC, load current 1.0 A. Power photoMOS relay with internal varistor. AC/DC type. Output rating: load voltage 30 V AC, 38 V DC, load current 2.0 A. Power photoMOS relay with internal varistor. AC/DC type. Output rating: load voltage 140 V AC, 180 V DC, load current 0.5 A. Power photoMOS relay with internal varistor. AC/DC type. Output rating: load voltage 17 V AC, 22 V DC, load current 3.0 A. POWER PhotoMOS RELAYS with Internal Varistor 功率PhotoMOS继电器的内部电阻
|
Matsushita Electric Works(Nais) Nais(Matsushita Electric Works) Nais(Matsushita Electric Wo...
|
|